Part Number Hot Search : 
85Z1K MC3301 FE0803 LTC2182 11411101 MA27V MM3023F 250020
Product Description
Full Text Search
 

To Download CRCW0402-HP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crcw-hp e3 www.vishay.com vishay draloric revision: 21-mar-13 1 document number: 20043 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 pulse proof, high power thick film chip resistors features ? excellent pulse load capability ? enhanced power rating ? double side printed resistor element ? protective overglaze ? pure tin solder contacts on ni barrier layer provides compatibility with lead (pb)-free and lead containing soldering processes ? aec-q200 qualified, rev. c compliant ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 notes ? these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifeti me. ? marking: see document surface mount re sistor marking (document number 20020). ? power rating depends on the max. temperat ure at the solder point, the component pl acement density and the substrate material. (1) CRCW0402-HP resistors feature a single side printed resi stive layer only. note (2) the power dissipation on the resistors generates a temperature ri se against the local ambient, depending on the heat flow suppo rt of the printed-circuit bo ard (thermal resistance). the rated di ssipation applie s only if the permitted film temperature of 155 c is n ot exceeded. standard electrical specifications model case size inch case size metric power rating p 70 w limiting element voltage u max. ac/dc temperature coefficient ppm/k tolerance % resistance range ? series CRCW0402-HP e3 0402 rr1005 0.125 (1) 50 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.010 ? , i max. = 3 a crcw0603-hp e3 0603 rr1608 0.25 75 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.008 ? , i max. = 5 a crcw0805-hp e3 0805 rr2012 0.33 150 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.005 ? , i max. = 6 a crcw1206-hp e3 1206 rr3216 0.5 200 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.005 ? , i max. = 10 a crcw1210-hp e3 1210 rr3225 0.75 200 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.004 ? , i max. = 12 a crcw1218-hp e3 1218 rr3246 1.5 200 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.004 ? , i max. = 20 a crcw2010-hp e3 2010 rr5025 1.0 400 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.005 ? , i max. = 12 a crcw2512-hp e3 2512 rr6332 1.5 500 100 0.5, 1 1 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max . = 0.005 ? , i max. = 16 a technical specifications parameter unit crcw 0402-hp crcw 0603-hp crcw 0805-hp crcw 1206-hp crcw 1210-hp crcw 1218-hp crcw 2010-hp crcw 2512-hp rated dissipation p 70 (2) w 0.125 0.25 0.33 0.5 0.75 1.5 1.0 1.5 limiting element voltage u max. ac/dc v 50 75 150 200 200 200 400 500 insulation voltage u ins. (1 min) v > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 insulation resistance ? > 10 9 category temperature range c - 55 to + 155 weight mg 0.65 2 5.5 10 18 31 25.5 42
crcw-hp e3 www.vishay.com vishay draloric revision: 21-mar-13 2 document number: 20043 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) preferred way for orderi ng products is by use of the part number. part number and product description part number: crcw0603562rfkeahp (1) model/size value tolerance tcr packaging special crcw0402 crcw0603 crcw0805 crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 r = decimal k = thousand m = million 0000 = jumper d = 0.5 % f = 1 % j = 5 % z = jumper k = 100 ppm/k n = 200 ppm/k 0 = jumper ea eb ec ed ee ef eg eh ek up to 2 digits hp = pulse proof, high power product description: crcw0603-hp 100 562r 1 % et1 e3 crcw0603-hp 100 562r 1 % et1 e3 model tcr resistance value tolerance packaging lead (pb)-free CRCW0402-HP crcw0603-hp crcw0805-hp crcw1206-hp crcw1210-hp crcw1218-hp crcw2010-hp crcw2512-hp 100 ppm/k 200 ppm/k 10r = 10 ? 562r = 562 ? 10k = 10 k ? 1m = 1 m ? 0r0 = jumper 0.5 % 1 % 5 % et1 et5 et6 et7 ef4 eg1 e02 e67 e82 et9 e3 = pure tin termination finish packaging model unit paper tape on reel acc. to iec 60286-3, type i blister tape on reel acc. to iec 60286-3, type ii quantity part number product desc. quantity part number product desc. CRCW0402-HP 180 mm/7" 330 mm/13" 10 000 50 000 ed ee et7 ef4 crcw0603-hp 180 mm/7" 285 mm/11.25" 330 mm/13" 5000 10 000 20 000 ea eb ec et1 et5 et6 crcw0805-hp 180 mm/7" 285 mm/11.25" 330 mm/13" 5000 10 000 20 000 ea eb ec et1 et5 et6 crcw1206-hp 180 mm/7" 285 mm/11.25" 330 mm/13" 5000 10 000 20 000 ea eb ec et1 et5 et6 crcw1210-hp 180 mm/7" 285 mm/11.25" 330 mm/13" 5000 10 000 20 000 ea eb ec et1 et5 et6 crcw1218-hp 180 mm/7" 4000 ek et9 crcw2010-hp 180 mm/7" 4000 ef e02 crcw2512-hp 180 mm/7" 2000 4000 eg eh e67 e82 c r c w 0 6 0 3 5 6 2 r f k e a h p
crcw-hp e3 www.vishay.com vishay draloric revision: 21-mar-13 3 document number: 20043 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters functional performance l b a size dimensions solder pad dimensions reflow soldering wave soldering inch metric l w h t1 t2 a b l a b l 0402 1005 1.0 0.05 0.5 0.05 0.3 0.1 0.25 0.1 0.2 0.1 0.4 0.6 0.5 0603 1608 1.6 0.1 0.85 0.1 0.45 0.1 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 0.15 1.25 0.15 0.50 0.1 0.4 0.2 0.35 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.1 0.2 1.6 0.15 0.50 0.15 0.5 0.2 0.45 0.2 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 3.2 0.2 2.5 0.2 0.6 0.1 0.45 0.2 0.4 0.2 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 3.1 0.2 4.6 0.2 0.6 0.1 0.45 0.2 0.4 0.2 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 3.2 5.2 1.2 3.2 5.2 maximum pulse load, single pulse; applicable if ? 0 and n < 1000 and ? ? ? max. ; for permissibl e resistance change equivalent to 8000 h operation single pulse 2512 1218 2010 1210 1206 0805 0603 0402 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 10 000 0.01 0.1 1 10 100 pulse duration i (s) pulse load max. (w) 100 t p 1000 p
crcw-hp e3 www.vishay.com vishay draloric revision: 21-mar-13 4 document number: 20043 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 derating maximum pulse load, continuous pulses; applicable if ?? p ( ? amb ) and ? ? ? max. ; for permissibl e resistance change equivalent to 8000 h operation maximum pulse voltage, single and continuous pulses; applicable if ; for permissibl e resistance change equivalent to 8000 h operation continuous pulse 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 10 000 0.01 0.1 1 10 100 pulse duration i (s) continuous pulse load max. (w) 100 t p 1000 2512 1218 2010 1210 1206 0805 0603 0402 p pulse volta g e 2000 200 0 110 pulse duration t i (s) 400 600 800 1000 1200 1400 1600 1800 pulse volta g e ? max. (v) 2512 2010 1206/1210/1218 0805 060 3 0402 0.1 0.01 0.001 0.0001 0.00001 0.000001 p ? p ? max . ? - 55 - 25 0 25 50 75 100 125 155 175 120 100 80 60 40 20 0 70 ambient temperature in c fraction of rated dissipation in %
crcw-hp e3 www.vishay.com vishay draloric revision: 21-mar-13 5 document number: 20043 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 all tests are carried out in accordance with the following specifications: ? en 60115-1, generic specification ? en 140400, sectional specification ? en 140401-802, detail specification ? iec 60068-2, environmental test procedures packaging of components is do ne in paper or blister tape s according to iec 60286-3. test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability class 2 or better stability for product types: 1 ? to 1 m ? crcw-hp e3 4.5 - resistance - 0.5 %, 1 %, 5 % 4.7 - voltage proof u = 1.4 x u ins ; 60 s - 4.13 - short time overload ? 2 u max. ; duration: according to style (0.5 % r + 0.05 ? ) 4.17.2 58 (td) solderability solder bath method; sn60pb40; non-activated flux; (235 5) c; (2 0.2) s good tinning ( ? 95 % covered) no visible damage solder bath method; sn96.5ag3cu0.5; non-activated flux; (245 5) c; (3 0.3) s good tinning ( ? 95 % covered) no visible damage 4.8.4.2 - temperature coefficient (20/- 55/20 ) c and (20/125/20) c 100 ppm/k, 200 ppm/k 4.32 21 (uu3) shear (adhesion) rr 1608 and smaller: 9 n rr 2012 and larger: 45 n no visible damage 4.33 21 (uu1) substrate bending depth 2 mm; 3 times no visible damage, no open circuit in bent position (0.25 % r + 0.05 ? ) 4.19 14 (na) rapid change of temperature 30 min. at - 55 c; 30 min at 125 c 5 cycles 1000 cycles (0.5 % r + 0.05 ? ) (1 % r + 0.05 ? ) 4.23 - dry heat - (2 % r + 0.1 ? ) 4.23.2 2 (ba) damp heat, cyclic 125 c; 16 h 4.23.3 30 (db) cold 55 c; ? 90 % rh; 24 h; 1 cycle 4.23.4 1 (aa) low air pressure - 55 c; 2 h 4.23.5 13 (m) - 1 kpa; (25 10) c; 1 h 4.23.6 30 (db) damp heat, cyclic 55 c; ? 90 % rh; 24 h; 5 cycle 4.23.7 - d.c. load 4.25.1 - endurance at 70 c 1.5 h on; 0.5 h off; 70 c; 1000 h 70 c; 8000 h (2 % r + 0.1 ? ) (4 % r + 0.1 ? ) 4.18.2 58 (td) resistance to soldering heat solder ba th method; (260 5) c; (10 1) s (0.5 % r + 0.05 ? ) 4.35 - flammability, ne edle flame test iec 60695-15-5; 10 s no burning after 30 s 4.24 78 (cab) damp heat, steady state (40 2) c; (93 3) % rh; 56 days (1 % r + 0.05 ? ) 4.25.3 - endurance at upper category temperature 155 c; 1000 h (2 % r + 0.1 ? ) 4.40 - electrostatic discharge (human body model) iec 61340-3-1; 3 positive and 3 negative discharges; esd voltage according to size (1 % r + 0.05 ? ) 4.29 45 (xa) component solvent resistance isopro pyl alcohol; 50 c; meth od 2 no visible damage 4.30 45 (xa) solvent resistance of marking isopropyl alcohol; 50 c; method 1; toothbrush marking legible, no visible damage 4.22 6 (fc) vibration, endurance by sweeping f = 10 hz to 2000 hz; x, y, z ? 1.5 mm; a ? 200 m/s2; 10 sweeps per axis (0.5 % r + 0.05 ? ) 4.37 - periodic electric overload 0.1 s on; 2.5 s off; 1000 cycles (1 % r + 0.05 ? ) 4.27 - single pulse high voltage overload, 10 s/700 s 10 pulses (1 % r + 0.05 ? ) u 2.5 x p 70 x r = up 70 x r = u p 70 x r u max. ? = u 15 x p 70 x r 2 x u max. ? = ? 10 x p 70 x r 2 x u max. ? =
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of CRCW0402-HP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X